Part Number Hot Search : 
SP491CN AD538AD 112RKI40 FM102 D75AS09 AD8803AR LT1011 ER301
Product Description
Full Text Search
 

To Download IRF3709ZCLPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.irf.com 1 7/20/04 irf3709zcspbf IRF3709ZCLPBF hexfet   power mosfet notes   through  are on page 11 applications benefits  low r ds(on) at 4.5v v gs  low gate charge  fully characterized avalanche voltage and current  high frequency synchronous buck converters for computer processor power  lead-free d 2 pak irf3709zcs to-262 irf3709zcl  v dss r ds(on) max qg 30v 6.3m  17nc absolute maximum ratings parameter units v ds drain-to-source voltage v v gs gate-to-source voltage i d @ t c = 25c continuous drain current, v gs @ 10v a i d @ t c = 100c continuous drain current, v gs @ 10v i dm pulsed drain current p d @t c = 25c maximum power dissipation w p d @t c = 100c maximum power dissipation linear derating factor w/c t j operating junction and c t stg storage temperature range soldering temperature, for 10 seconds thermal resistance parameter typ. max. units r jc junction-to-case  ??? 1.89 c/w r ja junction-to-ambient (pcb mount)  ??? 40 79 0.53 40 max. 87  62  350 20 30 300 (1.6mm from case) -55 to + 175

 2 www.irf.com s d g static @ t j = 25c (unless otherwise specified) parameter min. typ. max. units bv dss drain-to-source breakdown voltage 30 ??? ??? v ? v dss / ? t j breakdown voltage temp. coefficient ??? 0.021 ??? mv/c r ds(on) static drain-to-source on-resistance ??? 5.0 6.3 m ? ??? 6.2 7.8 v gs(th) gate threshold voltage 1.35 ??? 2.25 v ? v gs(th) / ? t j gate threshold voltage coefficient ??? -5.5 ??? mv/c i dss drain-to-source leakage current ??? ??? 1.0 a ??? ??? 150 i gss gate-to-source forward leakage ??? ??? 100 na gate-to-source reverse leakage ??? ??? -100 gfs forward transconductance 88 ??? ??? s q g total gate charge ??? 17 26 q gs1 pre-vth gate-to-source charge ??? 4.4 ??? q gs2 post-vth gate-to-source charge ??? 1.7 ??? nc q gd gate-to-drain charge ??? 6.0 ??? q godr gate charge overdrive ??? 4.9 ??? see fig. 14a&b q sw switch charge (q gs2 + q gd ) ??? 7.7 ??? q oss output charge ??? 11 ??? nc t d(on) turn-on delay time ??? 13 ??? t r rise time ??? 41 ??? t d(off) turn-off delay time ??? 16 ??? ns t f fall time ??? 4.7 ??? c iss input capacitance ??? 2130 ??? c oss output capacitance ??? 450 ??? pf c rss reverse transfer capacitance ??? 220 ??? avalanche characteristics parameter units e as single pulse avalanche energy mj i ar avalanche current  a e ar repetitive avalanche energy  mj diode characteristics parameter min. typ. max. units i s continuous source current ??? ??? 87  (body diode) a i sm pulsed source current ??? ??? 350 (body diode)  v sd diode forward voltage ??? ??? 1.0 v t rr reverse recovery time ??? 16 24 ns q rr reverse recovery charge ??? 6.2 9.3 nc mosfet symbol v gs = 4.5v, i d = 17a  ??? v gs = 4.5v typ. ??? ??? i d = 17a v gs = 0v v ds = 15v t j = 25c, i f = 17a, v dd = 15v di/dt = 100a/s  t j = 25c, i s = 17a, v gs = 0v  showing the integral reverse p-n junction diode. v ds = v gs , i d = 250a v ds = 24v, v gs = 0v v ds = 24v, v gs = 0v, t j = 125c clamped inductive load v ds = 15v, i d = 17a v ds = 16v, v gs = 0v v dd = 15v, v gs = 4.5v  i d = 17a v ds = 15v conditions v gs = 0v, i d = 250a reference to 25c, i d = 1ma v gs = 10v, i d = 21a  v gs = 20v v gs = -20v conditions 7.9 max. 60 17 ? = 1.0mhz

 www.irf.com 3 fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics 0.1 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 3.0v 60s pulse width tj = 175c vgs top 10v 9.0v 7.0v 5.0v 4.5v 4.0v 3.5v bottom 3.0v 0.1 1 10 100 v ds , drain-to-source voltage (v) 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 10v 9.0v 7.0v 5.0v 4.5v 4.0v 3.5v bottom 3.0v 60s pulse width tj = 25c 3.0v 0 1 2 3 4 5 6 7 8 v gs , gate-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( ) t j = 25c t j = 175c v ds = 15v 60s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 180 t j , junction temperature (c) 0.5 1.0 1.5 2.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 42a v gs = 10v

 4 www.irf.com fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 1 10 100 v ds , drain-to-source voltage (v) 100 1000 10000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0 5 10 15 20 25 q g total gate charge (nc) 0.0 1.0 2.0 3.0 4.0 5.0 6.0 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 24v v ds = 15v i d = 17a 0.0 0.5 1.0 1.5 2.0 2.5 v sd , source-to-drain voltage (v) 1.00 10.00 100.00 1000.00 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 175c v gs = 0v 0 1 10 100 1000 v ds , drain-to-source voltage (v) 0.1 1 10 100 1000 10000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 1msec 10msec operation in this area limited by r ds (on) 100sec tc = 25c tj = 175c single pulse

 www.irf.com 5 fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature fig 10. threshold voltage vs. temperature 25 50 75 100 125 150 175 t c , case temperature (c) 0 10 20 30 40 50 60 70 80 90 i d , d r a i n c u r r e n t ( a ) limited by package -75 -50 -25 0 25 50 75 100 125 150 175 200 t j , temperature ( c ) 0.5 1.0 1.5 2.0 2.5 v g s ( t h ) g a t e t h r e s h o l d v o l t a g e ( v ) i d = 250a 1e-006 1e-005 0.0001 0.001 0.01 0.1 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 10 t h e r m a l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc ri (c/w) i (sec) 0.832 0.000221 1.058 0.001171 j j 1 1 2 2 r 1 r 1 r 2 r 2 c ci i / ri ci= i / ri

 6 www.irf.com fig 13. on-resistance vs. gate voltage fig 12. on-resistance vs. drain current fig 16. maximum avalanche energy vs. drain current fig 14a&b. basic gate charge test circuit and waveform fig 15a&b. unclamped inductive test circuit and waveforms t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - vds vgs id vgs(th) qgs1 qgs2 qgd qgodr 2 3 4 5 6 7 8 9 10 v gs, gate -to -source voltage (v) 0 2 4 6 8 10 12 14 16 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ? ) i d = 21a t j = 25c t j = 125c 10.0 20.0 30.0 40.0 50.0 60.0 70.0 i d , drain current (a) 4.00 5.00 6.00 7.00 8.00 9.00 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ? ) t j = 25c t j = 125c vgs = 10v 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 50 100 150 200 250 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top 5.4a 8.0a bottom 17a

 www.irf.com 7 fig 17. 
       for n-channel hexfet   power mosfets 
   ?  
    ?      ?            p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period    
 
  + - + + + - - -        ?   
  ?  
 !"!! ?     

#  $$ ? !"!!%"     fig 18a. switching time test circuit fig 18b. switching time waveforms v gs v ds 90% 10% t d(on) t d(off) t r t f v gs pulse width < 1s duty factor < 0.1% v dd v ds l d d.u.t + -

 8 www.irf.com control fet  

   

     
 
   
 
 
         
   
   
 
  !"  
 #
 $  
 %& !" 

  
    #  
  


       
 
  
    #' p loss = p conduction + p switching + p drive + p output this can be expanded and approximated by; p loss = i rms 2 r ds(on ) () + i q gd i g v in f ? ? ? ? ? ? + i q gs 2 i g v in f ? ? ? ? ? ? + q g v g f () + q oss 2 v in f ? ? ? ? "     (
  

          
  %& !" 
  
      


  
   

     %& !" 
  
 "   
   
 
 
    

  
              )    

  


  #
 
  






   
      


   

* 

 

   
   
   % +      
 
    
         
  


 

 
 

  
 %& !"   # 
    #  ,         #
    
 
  
  
-   . 
 /         
 #
   #  
  
 synchronous fet the power loss equation for q2 is approximated by; p loss = p conduction + p drive + p output * p loss = i rms 2 r ds(on) () + q g v g f () + q oss 2 v in f ? ? ? ? ? + q rr v in f ( ) *dissipated primarily in q1. for the synchronous mosfet q2, r ds(on) is an im- portant characteristic; however, once again the im- portance of gate charge must not be overlooked since it impacts three critical areas. under light load the mosfet must still be turned on and off by the con- trol ic so the gate drive losses become much more significant. secondly, the output charge q oss and re- verse recovery charge q rr both generate losses that are transfered to q1 and increase the dissipation in that device. thirdly, gate charge will impact the mosfets? susceptibility to cdv/dt turn on. the drain of q2 is connected to the switching node of the converter and therefore sees transitions be- tween ground and v in . as q1 turns on and off there is a rate of change of drain voltage dv/dt which is ca- pacitively coupled to the gate of q2 and can induce a voltage spike on the gate that is sufficient to turn the mosfet on, resulting in shoot-through current . the ratio of q gd /q gs1 must be minimized to reduce the potential for cdv/dt turn on. power mosfet selection for non-isolated dc/dc converters figure a: q oss characteristic

 www.irf.com 9 n ote: "p " in as s embly line pos ition indicates "l ead-f ree" f 530s t h is is an ir f 530s wit h lot code 8024 as s e mb le d on ww 02, 2000 in t h e as s e mb l y l ine "l " as s e mb l y lot code in t e r nat ional r e ct if ie r logo part number date code ye ar 0 = 2000 we ek 02 line l  f 530s a = as s e mb l y s it e code week 02 p = d e s ign at e s l e ad-f r e e product (optional) r e ct if ie r int e r nat ional logo lot code as s e mb l y ye ar 0 = 2000 date code part number   

 
    
 dimensions are shown in millimeters (inches)

 10 www.irf.com as s e mb l y lot code rectifier international as s embled on ww 19, 1997 note: "p" in ass embly line position indicates "lead-free" in the assembly line "c" logo t his is an irl3103l l ot code 1789 example: line c dat e code week 19 ye ar 7 = 1997 part number part number logo lot code as s e mb l y international rectifier product (optional) p = designates lead-free a = assembly site code week 19 ye ar 7 = 1997 dat e code or to-262 part marking information to-262 package outline  igbt 1- gate 2- collector 3- emitter

 www.irf.com 11 data and specifications subject to change without notice. this product has been designed and qualified for the consumer market. qualification standards can be found on ir?s web site. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 7/04 
  repetitive rating; pulse width limited by max. junction temperature.   starting t j = 25c, l = 0.42mh, r g = 25 ? , i as = 17a.  pulse width 400s; duty cycle 2%.  c oss eff. is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss .  this is applied to d 2 pak, when mounted on 1" square pcb (fr- 4 or g-10 material). for recommended footprint and soldering techniques refer to application note #an-994.  calculated continuous current based on maximum allowable junction temperature. package limitation current is 42a.  r is measured at     
   3 4 4 trr feed direction 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) trl feed direction 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) min. 30.40 (1.197) max. 26.40 (1.039) 24.40 (.961) notes : 1. comforms to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge. d 2 pak tape & reel infomation
note: for the most current drawings please refer to the ir website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRF3709ZCLPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X